Part Number Hot Search : 
74HCT37 FP6191PM MAX11 HC173 9C036 D4SBL40 AX145 ADL5201
Product Description
Full Text Search
 

To Download TLSH1032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TOSHIBA LED Lamps
TLRH1032(T14,F), TLRMH1032(T14,F), TLSH1032(T14,F), TLOH1032(T14,F), TLYH1032(T14,F), TLGH1032(T14,F), TLFGH1032(T14,F)
Panel Circuit Indicator
* * * * * * * * Surface-mount devices 1.6 (L) x 0.8 (W) x 0.45 (H) mm (including lead length) InGaAP LEDs High luminous intensity and low power consumption Colors: red, orange, yellow, green, pure green Lead(Pb)-free reflow soldering is possible Applications: Backlighting for LCDs and switches for automotive applications. Standard embossed tape packing: T14 (4000/reel) 4-mm pitch JEDEC 4-1A1 Unit: mm
Color and Material
Product Name TLRH1032 TLRMH1032 TLSH1032 TLOH1032 TLYH1032 TLGH1032 TLFGH1032 Color Red Red Red Orange Yellow Green Fresh Green InGaAP Material
JEITA TOSHIBA Weight: 0.001 g (typ.)
1
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
Maximum Ratings (Ta = 25C)
Product Name TLRH1032 TLRMH1032 TLSH1032 TLOH1032 TLYH1032 TLGH1032 TLFGH1032 62.5 25 4 60 -40~100 -40~100 Forward Current IF (mA) Please see Note 1 Reverse Voltage VR (V) Power Dissipation PD (mW) Operating Temperature Topr (C) Storage Temperature Tstg (C)
Note 1:
Forward current derating
IF - Ta
30
(mA) Allowable forward current IF
25
20
15
10
5
0 0
20
40
60
80
100
120
Ambient temperature
Ta
(C)
Electrical Characteristics (Ta = 25C)
Product Name Min TLRH1032 TLRMH1032 TLSH1032 TLOH1032 TLYH1032 TLGH1032 TLFGH1032 Unit 1.7 1.7 1.7 1.7 1.7 1.8 1.9 Forward Voltage VF Typ. 2.0 2.0 2.0 2.0 2.0 2.1 2.2 V Max 2.4 2.4 2.4 2.4 2.4 2.5 2.5 mA A V 20 10 4 IF Reverse Current IR Max VR
2
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
Optical Characteristics-1 (Ta = 25C)
Product Name TLRH1032 TLRMH1032 TLSH1032 TLOH1032 TLYH1032 TLGH1032 TLFGH1032 Unit Luminous Intensity IV Min 25 40 63 100 40 25 10 mcd Typ. 56 85 160 200 100 60 25 mcd Max 125 200 320 500 200 125 50 mcd mA 20 IF Available Iv rank Please see Note 2 NA / PA / QA PA / QA / RA QA / RA / SA RA / SA / TA PA / QA / RA NA / PA / QA LA / MA / NA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility. Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV Min 10 16 25 40 63 100 160 250 mcd Max 20 32 50 80 125 200 320 500 mcd
Rank LA MA NA PA QA RA SA TA Unit
Optical Characteristics-2 (Ta = 25C)
Emission Spectrum Product Name Peak Emission Wavelength p Min Typ. Max Typ. 17 17 17 17 13 13 11 nm Dominant Wavelength d Min 624 620 607 599 581 565 560 Typ. 630 626 613 605 587 571 565 nm Max 638 634 621 613 595 576 571 mA 20 IF
TLRH1032 TLRMH1032 TLSH1032 TLOH1032 TLYH1032 TLGH1032 TLFGH1032 Unit


644 636 623 612 590 574 568 nm


The cautions
* * This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light. This product is designed as a general display light source usage, and it has applied the measurement standard that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional application (ex. Light source for sensor, optical communication and etc) except general display light source.
3
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLRH1032
IF - V F
100 50 30
(typ.)
100
IV - IF
(typ.)
(mA)
IV (mcd) Luminous intensity
1.6 1.8 2.0 2.2 2.4
50 30
Forward current
IF
10 5 3
10
5 3
1 1.4
Forward voltage
VF
(V)
1 1
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0 IF = 20 mA Ta = 25C 0.8
(typ.)
IV
Relative luminous intensity
3
Relative luminous intensity
5
0.6
1 0.5 0.3
0.4
0.2
0.1 -40
-20
0
20
40
60
80
100
0 580
600
620
640
660
680
700
Case temperature
Tc
(C)
Wavelength
(nm)
4
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLRMH1032
IF - V F
100 50 30
(typ.)
IV - IF
100
(typ.)
(mA)
IV (mcd) Luminous intensity
1.6 1.8 2.0 2.2 2.4
50 30
Forward current
IF
10 5 3
10
5 3
1 1.4
Forward voltage
VF
(V)
1 1
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
IF = 20 mA
(typ.)
IV
Relative luminous intensity
5 3
Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1 -40
-20
0
20
40
60
80
100
0 580
600
620
640
660
680
700
Case temperature
Tc
(C)
Wavelength
(nm)
5
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLSH1032
IF - V F
100 50 30
(typ.)
IV - IF
300
(typ.)
(mA)
IV (mcd) Luminous intensity
1.6 1.8 2.0 2.2 2.4
100
IF
Forward current
50 30
10 5 3
10
1 1.4
5 3 1
Forward voltage
VF
(V)
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
(typ.)
IF = 20 mA
IV
Relative luminous intensity
5 3
Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1 -40
-20
0
20
40
60
80
100
0 560
580
600
620
640
660
680
Case temperature
Tc
(C)
Wavelength
(nm)
6
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLOH1032
IF - V F
100 50 30
(typ.)
IV - IF
300
(typ.)
(mA)
IV (mcd) Luminous intensity
1.6 1.8 2.0 2.2 2.4
100
IF
Forward current
50 30
10 5 3
10
1 1.4
5 3 1
Forward voltage
VF
(V)
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
IF = 20 mA
(typ.)
IV
Relative luminous intensity
5 3
Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1 -40
-20
0
20
40
60
80
100
0 540
560
580
600
620
640
660
Case temperature
Tc
(C)
Wavelength
(nm)
7
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLYH1032
IF - V F
100 50 30
(typ.)
IV - IF
300
(typ.)
IV (mcd) Luminous intensity
1.6 1.8 2.0 2.2 2.4
(mA)
100
IF
Forward current
50 30
10 5 3
10
1 1.4
5 3 1
Forward voltage
VF
(V)
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
IF = 20 mA
(typ.)
IV
Relative luminous intensity
5 3
Ta = 25C 0.8
Relative luminous intensity
0.6
1 0.5 0.3
0.4
0.2
0.1 -40
-20
0
20
40
60
80
100
0 540
560
580
600
620
640
660
Case temperature
Tc
(C)
Wavelength
(nm)
8
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLGH1032
IF - V F
100 50 30
(typ.)
IV - IF
100
(typ.)
(mA)
IV (mcd) Luminous intensity
1.8 2.0 2.2 2.4 2.6
50 30
Forward current
IF
10
10
5 3
5 3
1 1.6
Forward voltage
VF
(V)
1 1
3
5
10
30
50
100
Forward current
IF
(mA)
IV - Tc
10
(typ.)
1.0
Wavelength characteristic
(typ.)
IF = 20 mA
IV
Relative luminous intensity
5 3
Ta = 25C 0.8
Relative luminous intensity
0.6
1
0.4
0.5 0.3
0.2
0.1 -40
-20
0
20
40
60
80
100
0 540
560
580
600
620
Case temperature
Tc
(C)
Wavelength
(nm)
9
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
TLFGH1032
IF - V F
100 50 30
(typ.) IV (mcd)
IV - IF
30
(typ.)
(mA)
IF
10
10
Luminous intensity
Forward current
5 3
5 3
1 1.6
1.8
2.0
2.2
2.4
2.6
1 1
3
5
10
30
50
100
Forward voltage
VF
(V)
Forward current
IF
(mA)
IV - Tc
10
(typ.)
Wavelength characteristic
1.0 Ta = 25C
(typ.)
IF = 20 mA
IV
Relative luminous intensity
-20 0 20 40 60 80 100
5 3
0.8
Relative luminous intensity
0.6
1
0.4
0.5 0.3
0.2
0.1 -40
0 520
540
560
580
600
Case temperature
Tc
(C)
Wavelength
(nm)
10
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
Radiation Pattern
Vertical to polarity
20 30 40 50 60 70 80 90 10 0 10 20 30 40 50 60 70 80 90 1.0 60 70 80 90 50 40
(typ.)
30
Horizontal to polarity
20 10 0 10 20 30 40
(typ.)
50 60 70 80 90 1.0
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
11
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
Packaging
These LED devices are packed in an aluminum envelope with a silica gel and a moisture indicator to avoid moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air before soldering and they should therefore be stored under the following conditions: 1. This moisture proof bag may be stored unopened within 12 months at the following conditions. Temperature: 5C~30C Humidity: 90% (max) 2. After opening the moisture proof bag, the devices should be assembled within 168 hours in an environment of 5C to 30C/70% RH or below. 3. If upon opening, the moisture indicator card shows humidity 30% or above (Color of indication changes to pink) or the expiration date has passed, the devices should be baked in taping with reel. After baking, use the baked devices within 72 hours, but perform baking only once. Baking conditions: 605C, for 12 to 24 hours. Expiration date: 12 months from sealing date, which is imprinted on the same side as this label affixed. 4. Repeated baking can cause the peeling strength of the taping to change, then leads to trouble in mounting. Furthermore, prevent the devices from being destructed against static electricity for baking of it. 5. If the packing material of laminate would be broken, the air tightness would deteriorate. Therefore, do not throw or drop the packed devices.
Mounting Method
Soldering
* Reflow soldering (example)
Temperature profile for Pb soldering (example) 10 s max (*) 240C max Package surface temperature (C) Temperature profile for Pb-free soldering (example) 5 s max(*) 260C max Package surface temperature (C)
(*)
(*)
140~160C max(*) 4C/s max
(*)
4C/s max(*) max(*) 150~180C 230C
4C/s max(*) 60~120 s max(*) Time (s)
(*) 4C/s max
max(*) 60~120 s Time 30~50s max(*) (s)
* * *
*
*
The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under the above conditions. Please perform the first reflow soldering with reference to the above temperature profile and within 168 h of opening the package. Second reflow soldering In case of second reflow soldering should be performed within 168 h of the first reflow under the above conditions. Storage conditions before the second reflow soldering: 30C, 70% RH (max) Make any necessary soldering corrections manually. (only once at each soldering point) Soldering iron : 25 W Temperature : 300C or less Time : within 3 s If the products need to be performed by other soldering method (ex. wave soldering), please contact Toshiba sales representative.
Recommended soldering pattern
2.3 0.7 0.9 0.8 0.25 0.3 Unit: mm
12
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the recommended conditions). In selecting the one for your actual usage, please perform sufficient review on washing condition, using condition and etc. ASAHI CLEAN AK-225AES KAO CLEAN TROUGH 750H PINE ALPHA ST-100S TOSHIBA TECHNOCARE (FRW-17, FRW-1, FRV-100) : (made by ASAHI GLASS) : (made by KAO) : (made by ARAKAWA CHEMICAL) : (made by GE TOSHIBA SILICONES)
Precaution when mounting
Do not apply force to the plastic part of the LED under high-temperature conditions. To avoid damaging the LED plastic, do not apply friction using a hard material. When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (However, this method does not apply to products whose electrical/optical characteristics differ from standard Toshiba specifications) (1) (2) Tape Type: T14 (4-mm pitch) Example
TLRH1032 (T14,F) Pb-free product Tape type Toshiba product No.
2. Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape cover. (a) Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient air. (b) For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are made of anti-static materials or of materials which dissipate electrostatic charge.
13
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
3. Tape dimensions
Unit: mm Item Carrier tape Width Thickness Diameter Feed hole Pitch Position Vertical Direction (1) Distance Vertical form center Direction (2) line Horizontal Direction Symbol W t1 D0 P0 E P1 P2 F Value 8.0 0.2 1.55 4.0 1.75 4.0 2.0 3.5 Tolerance 0.2 0.05 0.1 0.1 0.1 0.1 0.1 0.1 Cavity Item Length Symbol B1 B A A1 t2 D1 Value 1.85 1.3 0.9 0.35 0.52 0.5 Tolerance 0.05 0.05 0.05 0.05 0.05 0.05
Width Depth Diameter of mark hole
D0
P0
Y Y
t1
E
F X
D1
P2 X' B B1
W
P1 Y' Y' X X' t2
Polarity
A1 A
14
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
4. Reel dimensions
Unit: mm 180 +0 -4 11.4 1 9 0.3 21 0.8 13 0.5
2 0.5
5. Leader and trailer section of tape
40 mm or more (Note 1)
40 mm or more (Note 2) Leading part 190 mm (min)
Note 1: Empty trailer section Note 2: Empty leader section
60
15
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
6. Packing display
(1) Packing quantity
Reel Carton 4,000 pcs 20,000 pcs
(2) Package form: Each reel is sealed in an aluminum pack with silica gel.
7. Label format
(1) Example: TLRH1032 (T14,F) P/N:
TYPE ADDC
TOSHIBA
TLRH1032
(T14,F) Q'TY 32C 4,000 pcs 4000
Lot Number Key code for TSB (RANK SYMBOL)
Use under 5-30degC/70%RH within 168h
[[G]]/RoHS COMPATIBLE *Y3804xxxxxxxxxxxxxxxxx* SEAL DATE: DIFFUSED IN ***** ASSEMBLED IN *****
(2) Label location
* Reel * Carton
Tape reel direction
Label position Label position * The aluminum package in which the reel is supplied also has a copy of the label attached to center of one side.
16
2006-06-06
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * GaAs(Gallium Arsenide) is used in this product. The dust or vapor is harmful to the human body. Do not break, cut, crush or dissolve chemically. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
17
2006-06-06


▲Up To Search▲   

 
Price & Availability of TLSH1032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X